|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
580 Pleasant St. Watertown, MA 02172 PH: (617) 926-040 FAX: (617) 924-1235 2N2905A Features * * * * Meets MIL-S-19500/290 Collector-Base Voltage 60V Collector Current: 600 mA Fast Switching 345 nS 60 Volts 600 mAmps PNP BIPOLAR TRANSISTOR Maximum Ratings RATING Collector-Emitter Voltage Collector-Base Voltage Emitter-Base Voltage Collector Current--Continuous Total Device Dissipation o @ T A = 25 C o Derate above 25 C Total Device Dissipation o @ T C = 25 C o Derate above 25 C Operating Temperature Range Storage Temperature Range Thermal Resistance, Junction to Ambient Thermal Resistance, Junction to Case SYMBOL VCEO VCBO VEBO IC PD MAX. -60 -60 -5.0 -600 600 3.43 PD 3.0 17.2 -65 to + 200 -65 to + 200 292 58 W o mW/ C o C o C o C/W o C/W UNIT Vdc Vdc Vdc mAdc mW o mW/ C TJ TS RJA RJC Mechanical Outline Datasheet# MSC0278A 5/19/97 2N2905A Electrical Parameters (TA @ 25C unless otherwise specified) CHARACTERISTICS Off Characteristics Collector-Emitter Breakdown Voltage(1) (I C = -10 mAdc, I B = 0) Collector-Base Breakdown Voltage (I C = -10 Adc, IC = 0) Emitter-Base Breakdown Voltage (I E = -10 uAdc, I C = 0) Collector to Emitter Cutoff Current (VCE = -30 Vdc, VEB = -0.5 Vdc) Collector-Base Cutoff Current (V CB = -50 Vdc, I E = 0) o (V CB = -50 Vdc, I E = 0, TA = 150 C) Emitter to Base Cutoff Current (V EB = -3.5 Vdc) D.C. Current Gain (I C = -0.1 mAdc, V CE = -10 Vdc) (I C = -1.0 mAdc, V CE = -10 Vdc) (I C = -1.0 mAdc, V CE = - 10Vdc) @ -55C (I C = -10 mAdc, V CE = -10 Vdc) (I C = -150 mAdc, V CE = -10 Vdc)(1) (I C = -500 mAdc, V CE = -10 Vdc)(1) Collector-Emitter Saturation Voltage (I C = -150 mAdc, I B = -15 Vdc) (I C = -500 mAdc, I B = -50 Vdc) Base-Emitter Saturation Voltage (I C = -150 mAdc, I B = -15 Vdc)(1) (I C = -500 mAdc, I B = -50 Vdc)(1) Small- signal short-circuit forward current transfer ratio (I C = 1mAdc, V CE = 10V, f = 1 kHz) (I C = -50 mAdc, V CE = -20 Vdc, f = 100MHz) Output Capacitance (V CB = -10 Vdc, I E = 0, 100kHz < f < 1MHz ) Input Capacitance (V EB = -2.0 Vdc, I C = 0, 100kHz < f < 1MHz) Switching Speeds, Turn-on Time Turn-on Time (V CC = -30 Vdc, I C = -150 mAdc, I B1 = -15mAdc) Turn-off Time (V CC = -6.0 Vdc, I C = -150 mAdc, I B1 = IB2 = -15 mAdc) SYMBOL BVCEO BVCBO BVEBO ICES ICBO -60 -60 -5.0 ----75 100 50 100 100 50 VCE(Sat) --VBE(Sat) --hfe 100 -COB -CIB -tON ---30 45 pf ns -8.0 pf ---2 ---1.3 -2.6 ---0.4 -1.6 Vdc ----------------1 -0.01 -10 -50 -450 --300 Vdc MIN. TYP. MAX. UNIT Vdc Vdc Vdc uAdc Adc IEBO hFE nAdc -- toff -- -- 300 ns (1) Pulse Test: Pulse Width 300 ms, Duty Cycle 2.0%. Datasheet# MSC0278A 5/19/97 |
Price & Availability of 2N2905A |